PART |
Description |
Maker |
AIVR100410 AIVR4208 AIVR2104 |
Standard CMOS process.
|
Aplus Intergrated Circuits
|
AP89042 |
Standard CMOS process
|
Aplus Intergrated Circuits
|
AIVR8511 |
Standard CMOS process
|
Aplus Intergrated Circuits
|
MB85R256G |
256K-bits FRAM LSI using the ferroelectric process and CMOS process technologies
|
http://
|
P4C116-12JM P4C116-10JM P4C116-10JMB P4C116-20L28M |
ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 35 ns, PDIP24 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 25 ns, QCC28 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 超高K × 8静态CMOS五羊 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 35 ns, QCC28 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 20 ns, CDIP24 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 25 ns, PDSO24 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 25 ns, CDIP24 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 20 ns, PDIP24 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 15 ns, PDFP24 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 35 ns, PDSO24 ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS 2K X 8 STANDARD SRAM, 15 ns, QCC32
|
Pyramid Semiconductor Corporation Pyramid Semiconductor, Corp.
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
BHXXLB1WG BHXXLB1WHFV BH29FB1WG BH29FB1WHFV BH30FB |
Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators low dropout CMOS regulators with 150 mA and 300 mA Standard CMOS LDO Regulators Standard CMOS LDO Regulators Large Current 300mA CMOS LDO Regulators
|
Rohm
|
IDT7164 IDT7164L IDT7164L15D IDT7164L15DB IDT7164L |
Dual UART with 16-Byte Fifos, Selectable IR & 1284 Modes 80-QFP CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 30 ns, PDIP28 8347 PBGA NO-PB W/O ENCR 8K X 8 STANDARD SRAM, 30 ns, PDIP28 CMOS STATIC RAM 64K (8K x 8-BIT) 8K X 8 STANDARD SRAM, 55 ns, CDIP28 Replaced by TL16C754B : Quad UART with 64-Byte Fifos, Auto Flow Control, Low-Power Modes 68-PLCC -40 to 85 8K X 8 STANDARD SRAM, 25 ns, PDIP28 Dual UART With 64-Byte FIFO 32-QFN 0 to 70
|
Integrated Device Techn... INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
P4C198-15JC P4C198-15JI P4C198-15JM P4C198-15JMB P |
ULTRA HIGH SPEED 16K x 4 STATIC CMOS RAMS 16K X 4 STANDARD SRAM, 20 ns, PDSO24 16K X 4 STANDARD SRAM, 45 ns, CDIP24 16K X 4 STANDARD SRAM, 12 ns, PDSO24 16K X 4 STANDARD SRAM, 25 ns, CQCC28
|
Pyramid Semiconductor C... Pyramid Semiconductor Corporation
|
82C284 82C284_883 80C286_883 80C286 |
Microprocessor 16 Bit CMOS Process Speed 12.5 to 25MHz
|
Intersil
|
AS7C4096 AS7C34096-15JC AS7C34096-10JC AS7C34096-1 |
5V/3.3V 512K X8 CMOS SRAM 512K X 8 STANDARD SRAM, 12 ns, PDSO36 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO44 High Speed CMOS Logic Dual Retriggerable Monostable Multivibrators with Reset 16-TSSOP -55 to 125 512K X 8 STANDARD SRAM, 20 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TVSOP -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SOIC -40 to 85 512K X 8 STANDARD SRAM, 12 ns, PDSO36 TV 12C 8#20 4#16 SKT PLUG 512K X 8 STANDARD SRAM, 10 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 DUAL MONOSTABLE MULTIVIBRATORS 16-SOIC -40 to 85 512K X 8 STANDARD SRAM, 20 ns, PDSO44 Dual 4-Input Positive-AND Gate 14-SO -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO36 Dual 4-Input Positive-AND Gate 14-TSSOP -40 to 85 512K X 8 STANDARD SRAM, 15 ns, PDSO44 TV 26C 26#20 PIN WALL RECP 512K X 8 STANDARD SRAM, 10 ns, PDSO44 TV 5C 5#16 PIN WALL RECP SRAM - 5V Fast Asynchronous
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation]
|
|